Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 153Page - STMicroelectronics STM32U575VG Datasheet HTML 154Page - STMicroelectronics STM32U575VG Datasheet HTML 155Page - STMicroelectronics STM32U575VG Datasheet HTML 156Page - STMicroelectronics STM32U575VG Datasheet HTML 157Page - STMicroelectronics STM32U575VG Datasheet HTML 158Page - STMicroelectronics STM32U575VG Datasheet HTML 159Page - STMicroelectronics STM32U575VG Datasheet HTML 160Page - STMicroelectronics STM32U575VG Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 329 page
background image
Table 38. Current consumption in Run mode on SMPS, code with data processing
running from Flash memory, ICACHE ON (1-way), prefetch ON, VDD = 3.0 V(1)
Parameter
Conditions
Typ at VDD = 3.0 V
Max at VDD = 3.0 V(2)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
24
0.73
0.91
1.30
2.00
3.45
2.30
2.40
3.10
4.80
9.10
mA
16
0.60
0.71
1.15
1.80
3.25
1.60
1.90
2.70
4.60
8.80
12
0.45
0.65
1.05
1.70
3.15
1.30
1.60
2.60
4.50
8.70
4
0.23
0.38
0.82
1.50
2.80
0.60
0.97
2.30
4.30
8.40
2
0.17
0.31
0.74
1.40
2.85
0.49
0.84
2.20
4.20
8.40
1
0.15
0.29
0.73
1.40
2.80
0.46
0.81
2.20
4.20
8.40
0.4
0.13
0.27
0.72
1.40
2.75
0.44
0.79
2.20
4.20
8.30
0.1
0.12
0.26
0.72
1.35
2.75
0.44
0.78
2.20
4.10
8.30
fHCLK = PLL on HSE 16 MHz in
bypass mode,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 1
160
7.15
7.55
8.55
9.90
12.50 14.00 15.00 16.00 19.00 28.00
140
6.35
6.75
7.70
9.05
11.50 13.00 13.00 15.00 17.00 27.00
120
5.80
6.20
7.20
8.60
11.00 11.00 12.00 13.00 17.00 26.00
Range 2
110
4.40
4.70
5.40
6.35
8.20
8.90
9.20 11.00 13.00 19.00
72
3.05
3.35
4.05
5.10
7.00
6.00
6.20
7.40
11.00 18.00
64
2.80
3.10
3.80
4.80
6.70
5.40
5.70
6.90
11.00 18.00
fHCLK = fHSE bypass mode,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
55
2.20
2.45
3.05
3.95
5.55
4.00
4.40
5.40
7.90
14.00
32
1.40
1.60
2.15
2.95
4.50
2.60
3.00
4.30
6.80
13.00
1. The current consumption from SRAM is similar.
2. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com