Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 154Page - STMicroelectronics STM32U575VG Datasheet HTML 155Page - STMicroelectronics STM32U575VG Datasheet HTML 156Page - STMicroelectronics STM32U575VG Datasheet HTML 157Page - STMicroelectronics STM32U575VG Datasheet HTML 158Page - STMicroelectronics STM32U575VG Datasheet HTML 159Page - STMicroelectronics STM32U575VG Datasheet HTML 160Page - STMicroelectronics STM32U575VG Datasheet HTML 161Page - STMicroelectronics STM32U575VG Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 329 page
background image
Table 39. Typical current consumption in Run mode on LDO, with different codes
running from Flash memory in low-power mode, ICACHE ON (1-way), prefetch ON
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 2 in power down,
SRAM2 enabled,
SRAM1, SRAM3, SRAM4 in
power down
Range 4
Reduced Code
1.65
1.65
1.65
mA
68.8
68.8
68.8
µA/
MHz
CoreMark
1.55
1.60
1.60
64.6
66.7
66.7
SecureMark
1.80
1.80
1.80
75.0
75.0
75.0
Dhrystone 2.1
1.65
1.65
1.65
68.8
68.8
68.8
Fibonacci
1.30
1.30
1.30
54.2
54.2
54.2
while(1)
1.20
1.20
1.20
50.0
50.0
50.0
Table 40. Typical current consumption in Run mode on LDO, with different codes
running from Flash memory, ICACHE ON (1-way), prefetch ON(1)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
Reduced Code
1.75
1.75
1.75
mA
72.9
72.9
72.9
µA/
MHz
CoreMark
1.65
1.65
1.65
68.8
68.8
68.8
SecureMark
1.85
1.85
1.90
77.1
77.1
79.2
Dhrystone 2.1
1.75
1.75
1.75
72.9
72.9
72.9
Fibonacci
1.40
1.40
1.40
58.3
58.3
58.3
While(1)
1.30
1.30
1.30
54.2
54.2
54.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com