Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 230 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 230 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 226Page - STMicroelectronics STM32U575VG Datasheet HTML 227Page - STMicroelectronics STM32U575VG Datasheet HTML 228Page - STMicroelectronics STM32U575VG Datasheet HTML 229Page - STMicroelectronics STM32U575VG Datasheet HTML 230Page - STMicroelectronics STM32U575VG Datasheet HTML 231Page - STMicroelectronics STM32U575VG Datasheet HTML 232Page - STMicroelectronics STM32U575VG Datasheet HTML 233Page - STMicroelectronics STM32U575VG Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 329 page
background image
Electrical characteristics
STM32U575xx
230/329
DS13737 Rev 6
5.3.18
14-bit analog-to-digital converter (ADC1) characteristics
Unless otherwise specified, the parameters given in the table below are values derived from
tests performed under ambient temperature, fHCLK frequency and VDDA supply voltage
conditions summarized in Table 32.
Note:
It is recommended to perform a calibration after each power-up.
Table 102. 14-bit ADC1 characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply for
ADC ON
-1.62
-
3.6
V
VREF+
Positive reference
voltage
VDDA ≥ 2 V
2
-
VDDA
VDDA < 2 V
VDDA
VREF-
Negative reference
voltage
-VSSA
fADC
ADC clock frequency
1.62 V ≤ VDDA ≤ 3.6 V
5(3)
-55
MHz
ADC clock ratio
-
45
-
55
%
fs
Sampling rate
Resolution = 14 bits
0.23
-
2.5
Msps
Resolution = 12 bits
0.25
-
2.75
Resolution = 10 bits
0.28
-
3.05
Resolution = 8 bits
0.31
-
3.44
tTRIG
External trigger period
Resolution = 14 bits
26
-
-
1/fADC
VAIN(4)
Conversion voltage
range
-0
-
VREF+
V
VCIMV
Common mode input
voltage
-VREF+/2 - 10% VREF+/2 VREF+/2 + 10%
V
RAIN(5)
External input
impedance
Resolution = 14 bits
Tj = 130 °C
-
-
1000
Ω
Resolution = 12 bits
Tj = 130 °C
-
-
1000
Resolution = 10 bits
Tj = 130 °C
-
-
4700
Resolution = 8 bits
Tj = 130 °C
-
-
22000
CADC
Internal sample and
hold capacitor
--
5
-
pF
tADCVREG_
STUP
ADC LDO startup time
-
-
-
17
µs
tSTAB
ADC power-up time
LDO already started
(3 × 1/fADC) + 1 conversion
Cycle
tCAL
Offset and linearity
calibration time
-
25502
1/fADC
tOFF_CAL
Offset calibration time
-
683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com