Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 223Page - STMicroelectronics STM32U575VG Datasheet HTML 224Page - STMicroelectronics STM32U575VG Datasheet HTML 225Page - STMicroelectronics STM32U575VG Datasheet HTML 226Page - STMicroelectronics STM32U575VG Datasheet HTML 227Page - STMicroelectronics STM32U575VG Datasheet HTML 228Page - STMicroelectronics STM32U575VG Datasheet HTML 229Page - STMicroelectronics STM32U575VG Datasheet HTML 230Page - STMicroelectronics STM32U575VG Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 329 page
background image
DS13737 Rev 6
227/329
STM32U575xx
Electrical characteristics
294
11
tr/tf
Output rise and fall time
All I/Os except FT_c, FT_v,
and TT_v
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
4.4(5)
ns
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
9.6
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
2.2(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
4.7
Output rise and fall time
FT_v and TT_v I/Os
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
3.0(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
6.6
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
1.6(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
3.4
1. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
2. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the product reference manual for a description of
GPIO port configuration register.
3. Specified by design. Not tested in production.
4. FT_t I/O characteristics are degraded in VBAT mode (refer to Table 98).
5. Compensation system enabled.
Table 96. Output AC characteristics, HSLV ON (all I/Os except FT_c)(1)(2)(3)(4) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
Table 97. Output AC characteristics for FT_c I/Os(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
10
MHz
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
tr/tf
Output rise and fall time
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
33
ns
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
66
01
Fmax
Maximum frequency
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
25
MHz
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
10
tr/tf
Output rise and fall time
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
13
ns
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33
1x
Fmax
Maximum frequency
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
40
MHz
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
20
tr/tf
Output rise and fall time
All I/Os, CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
8
ns
All I/Os, CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
17
1. Specified by design. Not tested in production.
2. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the product reference manual for a description of
GPIO port configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com