Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 223 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 223 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 219Page - STMicroelectronics STM32U575VG Datasheet HTML 220Page - STMicroelectronics STM32U575VG Datasheet HTML 221Page - STMicroelectronics STM32U575VG Datasheet HTML 222Page - STMicroelectronics STM32U575VG Datasheet HTML 223Page - STMicroelectronics STM32U575VG Datasheet HTML 224Page - STMicroelectronics STM32U575VG Datasheet HTML 225Page - STMicroelectronics STM32U575VG Datasheet HTML 226Page - STMicroelectronics STM32U575VG Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 329 page
background image
DS13737 Rev 6
223/329
STM32U575xx
Electrical characteristics
294
Output AC characteristics
The definition and values of output AC characteristics are given in Figure 35: Output AC
characteristics definition and in the table below respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 32.
Table 94. Output voltage characteristics for FT_t I/Os in VBAT mode
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage |I
IO| = 0.5 mA, 2.7 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL
Output low-level voltage |I
IO| = 0.25 mA, 1.58 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
VOH
Output high-level voltage
VDDIOx - 0.4
-
Table 95. Output AC characteristics, HSLV OFF (all I/Os except FT_c)(1)(2)(3)(4)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
MHz
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
tr/tf
Output rise and fall time
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
17
ns
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
85
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
25
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com