Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 218Page - STMicroelectronics STM32U575VG Datasheet HTML 219Page - STMicroelectronics STM32U575VG Datasheet HTML 220Page - STMicroelectronics STM32U575VG Datasheet HTML 221Page - STMicroelectronics STM32U575VG Datasheet HTML 222Page - STMicroelectronics STM32U575VG Datasheet HTML 223Page - STMicroelectronics STM32U575VG Datasheet HTML 224Page - STMicroelectronics STM32U575VG Datasheet HTML 225Page - STMicroelectronics STM32U575VG Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 329 page
background image
Electrical characteristics
STM32U575xx
222/329
DS13737 Rev 6
Output driving current
The GPIOs (except PC13, PC14, PC15) can sink or source up to ±8 mA, and sink or source
up to ± 20 mA (with a relaxed VOL/VOH). PC13, PC14, PC15 are limited to ±3 mA shared
between the three I/Os.
In the user application, the number of I/O pins tat can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2: Absolute maximum ratings:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 30: Current characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS
(see Table 30: Current characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 32. All I/Os are CMOS- and TTL-compliant (FT OR TT unless otherwise specified).
Table 93. Output voltage characteristics(1)(2)(3)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage
CMOS port(4), |IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
TTL port(4),|IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
2.4
-
VOL(5)
Output low-level voltage
All I/Os, |IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-1.3
VOH(5)
Output high-level voltage
VDDIOx - 1.3
-
VOL(5)
Output low-level voltage
|IIO| = 4 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
|IIO| = 1 mA,
1.08 V ≤ VDDIOx <3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOLFM+(5)
Output low-level voltage for
a FT_f I/O pin in FM+ mode
|IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 10 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 2 mA,
1.08 V ≤ VDDIOx < 3.6 V
-0.4
1. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
2. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 30:
Current characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
3.
FT_t I/O characteristics are degraded in VBAT mode (refer to Table 94).
4. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
5. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com