Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 216Page - STMicroelectronics STM32U575VG Datasheet HTML 217Page - STMicroelectronics STM32U575VG Datasheet HTML 218Page - STMicroelectronics STM32U575VG Datasheet HTML 219Page - STMicroelectronics STM32U575VG Datasheet HTML 220Page - STMicroelectronics STM32U575VG Datasheet HTML 221Page - STMicroelectronics STM32U575VG Datasheet HTML 222Page - STMicroelectronics STM32U575VG Datasheet HTML 223Page - STMicroelectronics STM32U575VG Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 329 page
background image
Electrical characteristics
STM32U575xx
220/329
DS13737 Rev 6
Ilkg
(3)(4)
Input
leakage
current
TT_xx I/Os except
OPAMPx_VINM
(x = 1, 2)
VIN ≤ Max (VDDXXX)-
-
500
nA
OPAMPx_VINM (x = 1, 2) dedicated input leakage
current
--
(7)
RPU
Weak
pull-up
equivalent
resistor(8)
-30
40
50
kΩ
RPD
Weak
pull-down
equivalent
resistor(8)
-30
40
50
CIO
I/O pin
capacitance
--
5
-
pF
1. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
2. Refer to Figure 34: I/O input characteristics (all I/Os except BOOT0 and FT_c).
3. Specified by design. Not tested in production.
4. This parameter represents the pad leakage of the I/O itself. The total product pad leakage is provided by the following
formula: ITotal_Ileak_max = 10 μA+ [number of I/Os where VIN is applied on the pad] ₓ Ilkg max.
5. Max (VDDXXX) is the maximum value of all the I/O supplies. The I/O supplies depend on the I/O structure options, as
described in Table 25: Legend/abbreviations used in the pinout table.
6. To sustain a voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) +0.3 V, the internal pull-up and pull-down resistors must
be disabled.
7. Refer to Ibias in the OPAMP characteristics table for the values of the OPAMP dedicated input leakage current.
8. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS.
This PMOS/NMOS contribution to the series resistance is minimal (~10% order).
Table 92. I/O static characteristics(1) (continued)
Sym
-bol
Parameter
Conditions
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com