Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 249 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 249 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 245Page - STMicroelectronics STM32U575VG Datasheet HTML 246Page - STMicroelectronics STM32U575VG Datasheet HTML 247Page - STMicroelectronics STM32U575VG Datasheet HTML 248Page - STMicroelectronics STM32U575VG Datasheet HTML 249Page - STMicroelectronics STM32U575VG Datasheet HTML 250Page - STMicroelectronics STM32U575VG Datasheet HTML 251Page - STMicroelectronics STM32U575VG Datasheet HTML 252Page - STMicroelectronics STM32U575VG Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 329 page
background image
DS13737 Rev 6
249/329
STM32U575xx
Electrical characteristics
294
5.3.25
Comparator characteristics
Table 115. COMP characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
COMP ON
-1.58
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VREFINT(3)
Scaler input voltage
-
(3)
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static consumption
from VDDA
Scaler bridge disabled(4)
-0.20
0.25
µA
Scaler bridge enabled(5)
-0.7
1
tSTART_SCALER Scaler startup time
-
-
130
220
µs
tSTART
Comparator startup time to
reach propagation delay
specification
High-speed mode
-
-
5
Medium mode
-
-
25
Ultra-low-power mode
-
-
80
tD(6)
Propagation delay for
200 mV step with 100 mV
overdrive
High-speed mode
-
40
100
ns
Medium mode
-
0.5
1
µs
Ultra-low-power mode
-
2
7
Voffset
Comparator offset error
Full common mode range
-
±5
±20
mV
Vhys
Comparator hysteresis
No hysteresis
-
0
-
Low hysteresis
-
15
-
Medium hysteresis
-
30
-
High hysteresis
-
45
-
Ibias
Comparator input bias
current
-
(7)
nA
IDDA(COMP)
Comparator consumption
from VDDA
High-speed mode, static
-
48
90
µA
High-speed mode, with 50 kHz,
±100 mV overdrive square signal
-50-
Medium mode, static
-
3
6
Medium mode, with 50 kHz, ±100 mV
overdrive square signal
-3.75
-
Ultra-low-power mode, static
-
0.3
1
Ultra-low-power mode, with 50 kHz,
±100 mV overdrive square signal
-0.65
1. Specified by design and not tested in production, unless otherwise specified.
2. The input capacitance is negligible compared to the I/O capacitance.
3. Refer to Table 35: Embedded internal voltage reference.
4. No VREFINT division, includes only buffer consumption.
5. VREFINT division, includes resistor bridge and buffer consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com