Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 250 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 250 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 246Page - STMicroelectronics STM32U575VG Datasheet HTML 247Page - STMicroelectronics STM32U575VG Datasheet HTML 248Page - STMicroelectronics STM32U575VG Datasheet HTML 249Page - STMicroelectronics STM32U575VG Datasheet HTML 250Page - STMicroelectronics STM32U575VG Datasheet HTML 251Page - STMicroelectronics STM32U575VG Datasheet HTML 252Page - STMicroelectronics STM32U575VG Datasheet HTML 253Page - STMicroelectronics STM32U575VG Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 329 page
background image
Electrical characteristics
STM32U575xx
250/329
DS13737 Rev 6
5.3.26
Operational amplifiers characteristics
6. Evaluated by characterization. Not tested in production.
7. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 92: I/O static characteristics.
Table 116. OPAMP characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
range for OPAMP ON
-1.60
-
3.6
V
CMIR
Common mode input
range
-0
-
VDDA
VIOFFSET
Input offset voltage
TJ = 30 °C, no load on output,
Normal mode
--
±3
mV
TJ= 30 °C, no load on output,
Low-power mode
--
±3
All voltages and temperature,
Normal mode
--
±7
All voltages and temperature,
Low-power mode
--
±11.5
∆VIOFFSET
Input offset voltage drift
over temperature
Normal mode
-
±7
-
μV/°C
Low-power mode
-
±15
-
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step at low
common input voltage
(0.1 × VDDA)
-
-
1.05
1.25
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step at high
common input voltage
(0.9 × VDDA)
-
-
1.05
1.25
ILOAD
Drive current
Normal mode
-
-
500
μA
Low-power mode
-
-
100
ILOAD_PGA
Drive current in PGA mode
Normal mode
-
-
450
Low-power mode
-
-
50
RLOAD
Resistive load (connected
to VSSA or VDDA)
Normal mode
3.9
-
-
kΩ
Low-power mode
20
-
-
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection
ratio
Normal mode
-
79
-
dB
Low-power mode
-
69
-
PSRR
Power supply rejection
ratio
Normal
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 3.9 kΩ(3),
DC
35
75
-
dB
Low-power
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 20 kΩ(3),
DC
32
69
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com