Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 258 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 258 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 254Page - STMicroelectronics STM32U575VG Datasheet HTML 255Page - STMicroelectronics STM32U575VG Datasheet HTML 256Page - STMicroelectronics STM32U575VG Datasheet HTML 257Page - STMicroelectronics STM32U575VG Datasheet HTML 258Page - STMicroelectronics STM32U575VG Datasheet HTML 259Page - STMicroelectronics STM32U575VG Datasheet HTML 260Page - STMicroelectronics STM32U575VG Datasheet HTML 261Page - STMicroelectronics STM32U575VG Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 329 page
background image
Electrical characteristics
STM32U575xx
258/329
DS13737 Rev 6
5.3.30
PSSI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 32, with the following configuration:
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Bus width: 16 lines
•
Data width: 32 bits
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Table 120. PSSI transmit characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio DCMI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK PSSI clock input
2.7 V ≤ VDD ≤ 3.6 V
-
64(2)
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
47(2)
DPIXEL
PSSI clock input duty cycle
-
30
70
%
tOV(DATA)
Data output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
14
ns
1.71 V ≤ VDD ≤ 3.6 V
-
21
tOH(DATA)
Data output hold time
1.71 V ≤ VDD ≤ 3.6 V
7-
tOV(DE)
DE output valid time
-
12.5
tOH(DE)
DE output hold time
6
-
tSU(RDY)
RDY input setup time
1.71 V ≤ VDD ≤ 3.6 V
0-
tH(RDY)
RDY input hold time
0
-
1. Evaluated by characterization. Not tested in production.
2. This maximal frequency does not consider receiver setup and hold timings.
Table 121. PSSI receive characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio DCMI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK PSSI clock input
1.71 V ≤ VDD ≤ 3.6 V
-
64
MHz
DPIXEL
PSSI clock input duty cycle
-
30
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com