Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 260 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 260 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 256Page - STMicroelectronics STM32U575VG Datasheet HTML 257Page - STMicroelectronics STM32U575VG Datasheet HTML 258Page - STMicroelectronics STM32U575VG Datasheet HTML 259Page - STMicroelectronics STM32U575VG Datasheet HTML 260Page - STMicroelectronics STM32U575VG Datasheet HTML 261Page - STMicroelectronics STM32U575VG Datasheet HTML 262Page - STMicroelectronics STM32U575VG Datasheet HTML 263Page - STMicroelectronics STM32U575VG Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 329 page
background image
Electrical characteristics
STM32U575xx
260/329
DS13737 Rev 6
Figure 50. PSSI transmit timing diagram
5.3.31
Timer characteristics
The parameters given in the following tables are specified by design, not tested in
production.
Refer to Section 5.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
MSv63437V1
ts(RDY)
tho(DATA)
tv(DATA)
CKPOL=0
CKPOL=1
PSSI D[15:0]
(output)
th(RDY)
tw(PDCKL)
tw(PDCKH)
tc(PDCK)
tf(PDCK)
Invalid data OUT
Valid data OUT
DEPOL=0
DEPOL=1
RDYPOL=0
RDYPOL=1
Invalid data OUT
tr(PDCK)
tv(DE)
tho(DE)
Table 122. TIMx(1) characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 160 MHz
6.25
-
ns
fEXT
Timer external clock frequency on
CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 160 MHz
0
80
ResTIM
Timer resolution
TIMx (except TIM2/3/4/5)
-
16
bit
TIM2/3/4/5
-
32
tCOUNTER 16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 160 MHz
0.007
409.6
µs
tMAX_COUNT
Maximum possible count with
32-bit counter
-
-
65536 × 65536 tTIMxCLK
fTIMxCLK = 160 MHz
-
26.843
s
1. TIMx, is used as a general term in which x stands for 1,2,3,4,5,6,7,8,15,16 or 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com