Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 263 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 263 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 259Page - STMicroelectronics STM32U575VG Datasheet HTML 260Page - STMicroelectronics STM32U575VG Datasheet HTML 261Page - STMicroelectronics STM32U575VG Datasheet HTML 262Page - STMicroelectronics STM32U575VG Datasheet HTML 263Page - STMicroelectronics STM32U575VG Datasheet HTML 264Page - STMicroelectronics STM32U575VG Datasheet HTML 265Page - STMicroelectronics STM32U575VG Datasheet HTML 266Page - STMicroelectronics STM32U575VG Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 329 page
background image
DS13737 Rev 6
263/329
STM32U575xx
Electrical characteristics
294
Table 125. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
3 × tHCLK - 1
3 × tHCLK + 1
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
0
5
tw(NOE)
FMC_NOE low time
2 × tHCLK - 1
2 × tHCLK + 1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
THCLK
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
1.5
th(A_NOE)
Address hold time after FMC_NOE high
2 × tHCLK - 1
-
tsu(Data_NE)
Data to FMC_NEx high setup time
tHCLK + 15
-
tsu(Data_NOE)
Data to FMC_NOEx high setup time
15
-
th(Data_NOE)
Data hold time after FMC_NOE high
0
-
th(Data_NE)
Data hold time after FMC_NEx high
0
-
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
-
1.5
tw(NADV)
FMC_NADV low time
-
THCLK + 1
1. Evaluated by characterization. Not tested in production.
Table 126. Asynchronous non-multiplexed SRAM/PSRAM/NOR read-NWAIT timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
8 × tHCLK - 1
8 × tHCLK + 1
ns
tw(NOE)
FMC_NWE low time
7 × tHCLK - 1
7 × tHCLK + 1
tw(NWAIT)
FMC_NWAIT(2) low time
tHCLK
-
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5 × tHCLK + 9.5
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4 × tHCLK + 10
-
1. Evaluated by characterization. Not tested in production.
2. NWAIT pulse is equal to one HCLK cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com