Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 276 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 276 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 272Page - STMicroelectronics STM32U575VG Datasheet HTML 273Page - STMicroelectronics STM32U575VG Datasheet HTML 274Page - STMicroelectronics STM32U575VG Datasheet HTML 275Page - STMicroelectronics STM32U575VG Datasheet HTML 276Page - STMicroelectronics STM32U575VG Datasheet HTML 277Page - STMicroelectronics STM32U575VG Datasheet HTML 278Page - STMicroelectronics STM32U575VG Datasheet HTML 279Page - STMicroelectronics STM32U575VG Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 329 page
background image
Electrical characteristics
STM32U575xx
276/329
DS13737 Rev 6
5.3.33
OCTOSPI characteristics
Unless otherwise specified, the parameters given in Table 139 toTable 141 are derived from
tests performed under the ambient temperature, fAHB frequency and VDD supply voltage
conditions summarized in Table 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Delay block enabled for DTR (with DQS)/HyperBus
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1 unless otherwise specified
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 139. OCTOSPI characteristics in SDR mode(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock
frequency
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 1
CL = 15 pF
--
93
MHz
2.7 V ≤ VDD ≤ 3.6 V
Voltage range1
CL = 15 pF
-
-
100
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 4
CL = 15 pF
--
24
tw(CLKH) OCTOSPI clock high
and low time
(even division)
PRESCALER[7:0] = n
(n = 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2
tw(CLKH) OCTOSPI clock high
and low time
(odd division)
PRESCALER[7:0] = n
(n = 2, 4, 6,..254)
(n/2) × t(CLK)
/(n+1) - 0.5
-
(n/2) × t(CLK)
/(n+1)
tw(CLKL)
((n/2)+1) × t(CLK)
/(n+1) - 0.5
-
((n/2)+1) × t(CLK)
/(n+1)
ts(IN)
Data input setup time
Voltage range 1
2.75
-
-
Voltage range 4
3
-
-
th(IN)
Data input hold time
Voltage range 1
0.5
-
-
Voltage range 4
1
-
-
tv(OUT) Data output valid time
Voltage range 1
-
0.5
1
Voltage range 4
-
1.5
2.5
th(OUT) Data output hold time
Voltage range 1
0.5
-
-
Voltage range 4
-0.25
-
-
1. Evaluated by characterization. Not tested in production.
2. Measured values in this table apply to Octo- and Quad-SPI data modes.
3. Delay block bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com