Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 278 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 278 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 274Page - STMicroelectronics STM32U575VG Datasheet HTML 275Page - STMicroelectronics STM32U575VG Datasheet HTML 276Page - STMicroelectronics STM32U575VG Datasheet HTML 277Page - STMicroelectronics STM32U575VG Datasheet HTML 278Page - STMicroelectronics STM32U575VG Datasheet HTML 279Page - STMicroelectronics STM32U575VG Datasheet HTML 280Page - STMicroelectronics STM32U575VG Datasheet HTML 281Page - STMicroelectronics STM32U575VG Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 329 page
background image
Electrical characteristics
STM32U575xx
278/329
DS13737 Rev 6
Table 141. OCTOSPI characteristics in DTR mode (with DQS)/HyperBus(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock
frequency
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 1
CL = 15 pF
--
93(3)(4)
MHz
2.7 V ≤ VDD ≤ 3.6 V
Voltage range1
CL = 15 pF
-
-
100(3)(4)
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 4
CL = 15 pF
--
24(4)
tw(CLKH) OCTOSPI clock
high and low time
(even division)
PRESCALER[7:0] = n
(n = 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
tw(CLKH) OCTOSPI clock
high and low time
(odd division)
PRESCALER[7:0] = n
(n = 2, 4, 6,..254)
(n/2) × t(CLK)
/(n+1) - 0.5
-
(n/2) × t(CLK)
/(n+1) + 0.5
tw(CLKL)
((n/2)+1) × t(CLK)
/(n+1) - 0.5
-
((n/2)+1) × t(CLK)
/(n+1) + 0.5
tv(CLK)
Clock valid time
-
-
-
t(CLK) + 2
th(CLK)
Clock hold time
-
t(CLK)/2 - 0.5
-
-
VODr(CLK)
(5)
CLK, NCLK
crossing level on
CLK rising edge
VDD = 1.8 V
975
-
1120
mV
VODf(CLK)
(5)
CLK, NCLK
crossing level on
CLK falling edge
VDD = 1.8 V
845
-
990
tw(CS)
Chip select high
time
-3 × t(CLK)
--
ns
tv(DQ)
Data input valid
time
-0
-
-
tv(DS)
Data strobe input
valid time
0-
-
th(DS)
Data strobe input
hold time
-0
-
-
tv(RWDS)
Data strobe output
valid time
--
-
3 × t(CLK)
tsr(DQ)
tsf(DQ)
Data input setup
time
Voltage range 1
-0.5
-
t(CLK)/2 - 1.5(6)
Voltage range 4
-0.25
-
t(CLK)/2 - 1.75(6)
thr(DQ)
thf(DQ)
Data input hold
time
Voltage range 1
1.5
-
-
Voltage range 4
1.75
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com