Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 282 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 282 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 278Page - STMicroelectronics STM32U575VG Datasheet HTML 279Page - STMicroelectronics STM32U575VG Datasheet HTML 280Page - STMicroelectronics STM32U575VG Datasheet HTML 281Page - STMicroelectronics STM32U575VG Datasheet HTML 282Page - STMicroelectronics STM32U575VG Datasheet HTML 283Page - STMicroelectronics STM32U575VG Datasheet HTML 284Page - STMicroelectronics STM32U575VG Datasheet HTML 285Page - STMicroelectronics STM32U575VG Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 329 page
background image
Electrical characteristics
STM32U575xx
282/329
DS13737 Rev 6
CMD, D outputs (referenced to CK) in e•MMC legacy/SDR/DDR and SD HS/SDR(4)/DDR(4) modes
tOV
Output valid time HS
-
-
5.5
6
ns
tOH
Output hold time HS
-
4
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISU
Input setup time SD
-
3.5
-
-
ns
tIH
Input hold time SD
-
1.5
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOV
Output valid default time SD
-
-
0.5
2
ns
tOH
Output hold default time SD
-
0
-
-
1. Evaluated by characterization. Not tested in production.
2. For SDMMC2 in SD/e.MMC DDR mode, the clock OSPEEDRy[1:0] is set to 01 while data OSPEEDRy[1:0] remains at 10.
3. With capacitive load CL = 20 pF.
4. For SD 1.8 V support, an external voltage converter is needed.
5. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 142. SD/e•MMC characteristics (VDD = 2.7 V to 3.6 V)(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 143. e•MMC characteristics (VDD = 1.71 V to 1.9 V)(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
All modes
except DDR
--
84
MHz
DDR mode
-
-
40(3)
tW(CKL)
Clock low time
fPP = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fPP = 52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in e•MMC mode
tISU
Input setup time HS
-
2.5
-
-
ns
tIH
Input hold time HS
-
2
-
-
tIDW(4)
Input valid window (variable window)
-
4
-
-
CMD, D outputs (referenced to CK) in e•MMC mode
tOV
Output valid time HS
-
-
10.5
13/15(5)
ns
tOH
Output hold time HS
-
7
-
-
1. Evaluated by characterization. Not tested in production.
2. With capacitive load CL = 20 pF.
3. For DDR mode, the maximum frequency is 40 MHz and HSLV must be OFF.
4. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
5. tOV = 13 ns for SDMMC1 and tOV = 15 ns for SDMMC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com