Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 286 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 286 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 282Page - STMicroelectronics STM32U575VG Datasheet HTML 283Page - STMicroelectronics STM32U575VG Datasheet HTML 284Page - STMicroelectronics STM32U575VG Datasheet HTML 285Page - STMicroelectronics STM32U575VG Datasheet HTML 286Page - STMicroelectronics STM32U575VG Datasheet HTML 287Page - STMicroelectronics STM32U575VG Datasheet HTML 288Page - STMicroelectronics STM32U575VG Datasheet HTML 289Page - STMicroelectronics STM32U575VG Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 329 page
background image
Electrical characteristics
STM32U575xx
286/329
DS13737 Rev 6
Figure 72. USART timing diagram in master mode
Figure 73. USART timing diagram in slave mode
5.3.38
SPI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 32.
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
MSv65386V4
CPHA = 0
TX
OUTPUT
RX
INPUT
CPHA = 0
LSB OUT
LSB IN
CPOL = 0
CPOL = 1
BIT1 OUT
1/fCK
tw(CKH)
tw(CKL)
th(RX)
CPHA = 1
CPHA = 1
CPOL = 0
CPOL = 1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT
MSv65387V4
NSS
input
CPHA = 0
CPOL = 0
CPHA = 0
CPOL = 1
TX output
RX input
tsu(RX)
th(RX)
tw(CKL)
tw(CKH)
1/fCK
th(NSS)
tsu(NSS)
tv(TX)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(TX)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com