Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 284 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 284 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 280Page - STMicroelectronics STM32U575VG Datasheet HTML 281Page - STMicroelectronics STM32U575VG Datasheet HTML 282Page - STMicroelectronics STM32U575VG Datasheet HTML 283Page - STMicroelectronics STM32U575VG Datasheet HTML 284Page - STMicroelectronics STM32U575VG Datasheet HTML 285Page - STMicroelectronics STM32U575VG Datasheet HTML 286Page - STMicroelectronics STM32U575VG Datasheet HTML 287Page - STMicroelectronics STM32U575VG Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 329 page
background image
Electrical characteristics
STM32U575xx
284/329
DS13737 Rev 6
5.3.35
Delay block characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 32.
5.3.36
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user
manual rev. 03 for:
•
Standard-mode (Sm): with a bitrate up to 100 Kbit/s
•
Fast-mode (Fm): with a bitrate up to 400 Kbit/s
•
Fast-mode Plus (Fm+): with a bitrate up to 1 Mbit/s
The I2C timings requirements are specified by design, not tested in production, when the
I2C peripheral is properly configured (refer to the product reference manual).
The SDA and SCL I/O requirements are met with the following restrictions: the SDA and
SCL I/O pins are not “true” open-drain. When configured as open-drain, the PMOS
connected between the I/O pin and VDDIOx is disabled, but is still present. Only FT_f I/O pins
support Fm+ low-level output-current maximum requirement. Refer to Section 5.3.14: I/O
port characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the table below for the analog
filter characteristics.
Table 144. Delay block characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
900
1300
2100
ps
t∆
Unit delay
-
34
41
51
1. Evaluated by characterization. Not tested in production.
Table 145. I2C analog filter characteristics(1)
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes that are suppressed by the analog filter
50(2)
115(3)
ns
1. Specified by design. Not tested in production.
2. Spikes with widths below tAF min are filtered.
3. Spikes with width above tAF max are not filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com