Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 288 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 288 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 284Page - STMicroelectronics STM32U575VG Datasheet HTML 285Page - STMicroelectronics STM32U575VG Datasheet HTML 286Page - STMicroelectronics STM32U575VG Datasheet HTML 287Page - STMicroelectronics STM32U575VG Datasheet HTML 288Page - STMicroelectronics STM32U575VG Datasheet HTML 289Page - STMicroelectronics STM32U575VG Datasheet HTML 290Page - STMicroelectronics STM32U575VG Datasheet HTML 291Page - STMicroelectronics STM32U575VG Datasheet HTML 292Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 329 page
background image
Electrical characteristics
STM32U575xx
288/329
DS13737 Rev 6
Figure 74. SPI timing diagram - slave mode and CPHA = 0
tv(SO)
Data output valid time
Slave mode, 2.7 V ≤ VDD ≤ 3.6 V,
voltage range 1
-10
13
or 20.5(5)
ns
Slave mode, 1.71 V ≤ VDD < 2.7 V,
voltage range 1
-10
12
or 19.5(5)
Slave mode, 1.71 V ≤ VDD ≤ 3.6 V,
voltage range 4
-17
19.5
or 27(5)
Slave mode, 1.08 V ≤ VDD ≤ 1.32 V(3)
-21
22.5
or 30(5)
tv(MO)
Master mode
-
1.5
2 or 9.5(7)
or 12.5(8)
th(SO)
Data output hold time
Slave mode, 1.71 V ≤ VDD ≤ 3.6 V
7
-
-
Slave mode, 1.08 V ≤ VDD ≤ 1.32 V(3)
18
-
-
th(MO)
Master mode
0
-
-
1. Evaluated by characterization. Not tested in production.
2. When using PA5, PA9, PC10, PB3, PB13.
3. The SPI is mapped on port G I/Os, that is supplied by VDDIO2 specified down to 1.08V. The SPI is tested at this value.
4. The maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) that has to fit into SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50%.
5. When using PA11, PB4, PB14.
6. tSCK = tspi_ker_ck × baudrate prescaler.
7. When using PA12.
8. When using PB15.
Table 147. SPI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv41658V1
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(NSS)
tdis(SO)
tsu(NSS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
tf(SCK)
Last bit IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com