Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 290 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 290 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 286Page - STMicroelectronics STM32U575VG Datasheet HTML 287Page - STMicroelectronics STM32U575VG Datasheet HTML 288Page - STMicroelectronics STM32U575VG Datasheet HTML 289Page - STMicroelectronics STM32U575VG Datasheet HTML 290Page - STMicroelectronics STM32U575VG Datasheet HTML 291Page - STMicroelectronics STM32U575VG Datasheet HTML 292Page - STMicroelectronics STM32U575VG Datasheet HTML 293Page - STMicroelectronics STM32U575VG Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 329 page
background image
Electrical characteristics
STM32U575xx
290/329
DS13737 Rev 6
5.3.39
SAI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized inTable 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK, SD, FS).
Table 148. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max Unit
fMCK
SAI main clock
output
--
50
MHz
fSCK
SAI clock
frequency(2)
Master transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
26
Master transmitter, 1.71 V ≤ VDD ≤ 3.6 V
-
18
Master receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
21.5
Slave transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
30
Slave transmitter, 1.71 V ≤ VDD ≤ 3.6 V
-
20.5
Slave receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDD ≤ 3.6 V
-
16
ns
Master mode 1.71 V ≤ VDD ≤ 3.6 V
-
23
th(FS)
FS hold time
Master mode
7
-
tsu(FS)
FS setup time
Slave mode
2.5
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR) Data input setup
time
Master receiver
4
-
tsu(SD_B_SR)
Slave receiver
3
-
th(SD_A_MR) Data input hold
time
Master receiver
1
-
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST)
Data output valid
time
Slave transmitter (after enable edge), 2.7 V ≤ VDD ≤ 3.6 V
-
16.5
Slave transmitter (after enable edge), 1.71 V ≤ VDD ≤ 3.6 V
-
24
th(SD_B_ST)
Data output hold
time
Slave transmitter (after enable edge)
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com