Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 292 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 292 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 288Page - STMicroelectronics STM32U575VG Datasheet HTML 289Page - STMicroelectronics STM32U575VG Datasheet HTML 290Page - STMicroelectronics STM32U575VG Datasheet HTML 291Page - STMicroelectronics STM32U575VG Datasheet HTML 292Page - STMicroelectronics STM32U575VG Datasheet HTML 293Page - STMicroelectronics STM32U575VG Datasheet HTML 294Page - STMicroelectronics STM32U575VG Datasheet HTML 295Page - STMicroelectronics STM32U575VG Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 329 page
background image
Electrical characteristics
STM32U575xx
292/329
DS13737 Rev 6
5.3.40
OTG_FS characteristics
5.3.41
UCPD characteristics
UCPD controller complies with USB Type-C Rev 1.2 and USB Power Delivery Rev 3.0
specifications.
5.3.42
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests
performed under the ambient temperature, fHCLKx frequency and VDD supply voltage
conditions summarized in Table 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output
characteristics.
Table 149. OTG_FS characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDDUSB
USB transceiver operating supply voltage
-
3.0(1)
-3.6
V
RPUI
Embedded USB_DP pullup value during idle
-
900
-
1575
Ω
RPUR
Embedded USB_DP pullup value during reception
-
1425
-
3090
ZDRV
Output driver impedance(2)
High and low driver
28
36
44
1. USB functionality is ensured down to 2.7 V, but some USB electrical characteristics are degraded in 2.7 to 3.0 V range.
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-). The matching impedance is
already included in the embedded driver.
Table 150. UCPD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating supply voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465
Table 151. JTAG characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FTCK
TCK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
38
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
26
tisu(TMS)
TMS input setup time
-
1
-
-
ns
tih(TMS)
TMS input hold time
-
3
-
-
tisu(TDI)
TDI input setup time
-
2
-
-
tih(TDI)
TDI input hold time
-
1
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com