Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 293 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 293 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 289Page - STMicroelectronics STM32U575VG Datasheet HTML 290Page - STMicroelectronics STM32U575VG Datasheet HTML 291Page - STMicroelectronics STM32U575VG Datasheet HTML 292Page - STMicroelectronics STM32U575VG Datasheet HTML 293Page - STMicroelectronics STM32U575VG Datasheet HTML 294Page - STMicroelectronics STM32U575VG Datasheet HTML 295Page - STMicroelectronics STM32U575VG Datasheet HTML 296Page - STMicroelectronics STM32U575VG Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 329 page
background image
DS13737 Rev 6
293/329
STM32U575xx
Electrical characteristics
294
Figure 79. JTAG timing diagram
tov(TDO)
TDO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
9
13
ns
1.71 V ≤ VDD ≤ 3.6 V
-
9
19
toh(TDO)
TDO output hold time
-
7
-
-
1. Evaluated by characterization. Not tested in production.
Table 151. JTAG characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 152. SWD characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSWCLK
SWCLK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
66.5
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
43
tisu(SWDIO) SWDIO input setup time
-
1
-
-
ns
tih(SWDIO) SWDIO input hold time
-
2.5
-
-
tov(SWDIO) SWDIO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
10.5
15
1.71 V ≤ VDD ≤ 3.6 V
-
10.5
23
toh(SWDIO) SWDIO output hold time
-
7.5
-
-
1. Evaluated by characterization. Not tested in production.
MSv40458V1
TDI/TMS
TCK
TDO
tc(TCK)
tw(TCKL) t
w(TCKH)
th(TMS/TDI)
tsu(TMS/TDI)
tov(TDO)
toh(TDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com