Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 285 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 285 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 281Page - STMicroelectronics STM32U575VG Datasheet HTML 282Page - STMicroelectronics STM32U575VG Datasheet HTML 283Page - STMicroelectronics STM32U575VG Datasheet HTML 284Page - STMicroelectronics STM32U575VG Datasheet HTML 285Page - STMicroelectronics STM32U575VG Datasheet HTML 286Page - STMicroelectronics STM32U575VG Datasheet HTML 287Page - STMicroelectronics STM32U575VG Datasheet HTML 288Page - STMicroelectronics STM32U575VG Datasheet HTML 289Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 329 page
background image
DS13737 Rev 6
285/329
STM32U575xx
Electrical characteristics
294
5.3.37
USART characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, CK, TX, RX for USART).
Table 146. USART characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock
frequency
Master mode, 1.71 V ≤ VDD ≤ 3.6 V
-
-
20
MHz
Slave receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
-
53
Slave transmitter, 1.71 V ≤ VDD ≤ 3.6 V
-
-
28.5
Slave transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
-
32
tsu(NSS) NSS setup time Slave mode
Tker(2) + 2
-
-
ns
th(NSS) NSS hold time Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and
low time
Master mode
1/fCK / 2 - 1 1/fCK / 2
1/fCK / 2 + 1
tsu(RX)
Data input
setup time
Master mode
14
-
-
Slave mode
1
-
-
th(RX)
Data input hold
time
Master mode
4
-
-
th(RX)
Slave mode
1
-
-
tv(TX)
Data output
valid time
Slave mode, 2.7 V ≤ VDD ≤ 3.6 V
-
11
17.5
Slave mode, 1.71 V ≤ VDD ≤ 3.6 V
-
11
15.5
tv(TX)
Master mode
-
2.5
6.5
th(TX)
Data output
hold time
Slave mode
8.5
-
-
th(TX)
Master mode
2
-
-
1. Evaluated by characterization. Not tested in production.
2. Tker is the usart_ker_ck_pres clock period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com