Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 114 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 114 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 110Page - Microchip Technology DS0147 Datasheet HTML 111Page - Microchip Technology DS0147 Datasheet HTML 112Page - Microchip Technology DS0147 Datasheet HTML 113Page - Microchip Technology DS0147 Datasheet HTML 114Page - Microchip Technology DS0147 Datasheet HTML 115Page - Microchip Technology DS0147 Datasheet HTML 116Page - Microchip Technology DS0147 Datasheet HTML 117Page - Microchip Technology DS0147 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
Condition
Unit
Max
Typ
Min
Parameter
%; VDD25= 2.5 V ±5
%
Temp= –40 ºC to 1
00 ºC; VDD = 1.0 ±3
V
2.21
2.31
VDD25_LOW_DET
%; VDD18= 1.8 V ±5
%
6.10
Power-Up to Functional Timing
Microsemi non-volatile FPGA technology offers the fastest boot-time of any mid-range FPGA in the market.
The following tables describes both cold-boot (from power-on) and warm-boot (assertion of DEVRST_N pin
or assertion of reset from the tamper macro) timing. The power-up diagrams assume all power supplies to
the device are stable.
6.10.1
Power-On (Cold) Reset Initialization Sequence
The following cold reset timing diagram shows the initialization sequencing of the device.
Figure 8 • Cold Reset Timing
Notes:
• The previous diagram shows the case where VDDI/VDDAUX of I/O banks are powered either before
or sufficiently soon after VDD/VDD18/VDD25 that the I/O bank enable time is measured from the
assertion time of VDD/VDD18/VDD25 (that is, the PUFT specification). If VDDI/VDDAUX of I/O banks
are powered sufficiently after VDD/VDD18/VDD25, then the I/O bank enable time is measured from
the assertion of VDDI/VDDAUX and is not specified by the PUFT specification. In this case, I/O operation
is indicated by the assertion of BANK_i_VDDI_STATUS, rather than being measured relative to
FABRIC_POR_N negation.
• AUTOCALIB_DONE assertion indicates the completion of calibration for any I/O banks specified by the
user for auto-calibration. AUTOCALIB_DONE asserts independently of DEVICE_INIT_DONE. It may
assert before or after DEVICE_INIT_DONE and is determined by the following:
◦
How long after VDD/VDD18/VDD25 that VDDI/VDDAUX are powered on. Note that if any of the
user-specified I/O banks are not powered on within the auto-calibration timeout window, then
AUTOCALIB_DONE doesn't assert until after this timeout.
◦
The specified ramp times of VDDI of each I/O bank designated for auto-calibration.
◦
How much auto-initialization is to be performed for the PCIe, SERDES transceivers, and fabric
LSRAMs.
110
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com