Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 118 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 118 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 114Page - Microchip Technology DS0147 Datasheet HTML 115Page - Microchip Technology DS0147 Datasheet HTML 116Page - Microchip Technology DS0147 Datasheet HTML 117Page - Microchip Technology DS0147 Datasheet HTML 118Page - Microchip Technology DS0147 Datasheet HTML 119Page - Microchip Technology DS0147 Datasheet HTML 120Page - Microchip Technology DS0147 Datasheet HTML 121Page - Microchip Technology DS0147 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
ms
0
0
0
TTAMPER_READY
The time from
TFAB_READY to the
tamper flags be-
ing available
ms
0
0
0
TCRYPTO_READY
The time from
TFAB_READY to the
Athena Crypto
co-processor
being available
(for S devices
only)
1. Programming depends on the PUF to power up. Refer to TPUF_OVHD at section Secure NVM Performance.
6.10.8
I/O Calibration
The following tables specify the initial I/O calibration time for the fastest and slowest supported VDDI ramp
times of 0.2 ms to 50 ms, respectively. This only applies to I/O banks specified by the user to be
auto-calibrated.
Table 149 • I/O Initial Calibration Time (TCALIB)
Condition
Max (ms)
Min (ms)
Ramp Time
Applies to HSIO and GPIO
banks
2.63
0.98
0.2 ms
Applies to HSIO and GPIO
banks
62.19
41.62
50 ms
Notes:
• The user may specify any VDDI ramp time in the range specified above. The nominal initial calibration
time is given by the specified VDDI ramp time plus 2 ms.
• In order for IO calibration to start, VDDI and VDDAUX of the I/O bank must be higher than the trip
point levels specified in I/O-Related Supplies.
Table 150 • I/O Fast Recalibration Time (TRECALIB)
Condition
Max (ms)
Typ (ms)
Min (ms)
I/O Type
GPIO configured for 3.3
V operation
0.24
0.14
0.04
GPIO bank
HSIO configured for 1.8
V operation
0.30
0.20
0.11
HSIO bank
Note: In order to obtain fast re-calibration, the user must assert the relevant clock request signal from the
FPGA fabric to the I/O bank controller.
6.11
Dedicated Pins
The following section describes the dedicated pins.
114
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com