Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 169 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 169 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 165Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 166Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 169 of 232
RFIM (0x91) – RF Interrupt Mask
Bit
Name
Reset
R/W
Description
Voltage regulator for radio has been turned on
0
Interrupt disabled
7
IM_RREG_PD
0
R/W
1
Interrupt enabled
TX completed with packet sent
0
Interrupt disabled
6
IM_TXDONE
0
R/W
1
Interrupt enabled
Number of bytes in RXFIFO is above threshold set by
IOCFG0.FIFOP_THR
0
Interrupt disabled
5
IM_FIFOP
0
R/W
1
Interrupt enabled
Start of frame delimiter (SFD) has been detected
0
Interrupt disabled
4
IM_SFD
0
R/W
1
Interrupt enabled
Clear channel assessment (CCA) indicates that channel is clear
0
Interrupt disabled
3
IM_CCA
0
R/W
1
Interrupt enabled
CSMA-CA/strobe processor (CSP) wait condition is true
0
Interrupt disabled
2
IM_CSP_WT
0
R/W
1
Interrupt enabled
CSMA-CA/strobe processor (CSP) program execution stopped
0
Interrupt disabled
1
IM_CSP_STOP
0
R/W
1
Interrupt enabled
CSMA-CA/strobe processor (CSP) INT instruction executed
0
Interrupt disabled
0
IM_CSP_INT
0
R/W
1
Interrupt enabled
14.5 FIFO access
The TXFIFO and RXFIFO may be
accessed through the SFR register RFD
(0xD9).
Data is written to the TXFIFO when writing
to the RFD register. Data is read from the
he RXFIFO when the RFD register is read.
The RF register bits RFSTATUS.FIFO and
RFSTATUS.FIFOP provide information on
the data in the receive FIFO, as described
in section 14.6 on page 170. Note that the
RFSTATUS.FIFO and RFSTATUS.FIFOP
only apply to the RXFIFO.
The TXFIFO may be flushed by issuing a
SFLUSHTX command strobe. Similarly, a
SFLUSHRX command strobe will flush the
receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com