Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 171 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 171 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 171 of 232
signaled to the CPU by asserting the
RFERR
interrupt
when
enabled.
In
addition
the
radio
will
set
RFSTATUS.FIFO
bit
low
while
the
RFSTATUS.FIFOP bit is high. Data
already in the RXFIFO will not be affected
by the overflow, i.e. frames already
received may be read out.
A SFLUSHRX command strobe is required
after a RXFIFO overflow to enable
reception of new data. Note that the
SFLUSHRX command strobe should be
issued
twice
to
ensure
that
the
RFSTATUS.SFD bit goes back to its idle
state.
Preamble
SFD Length
Data received over RF
SFD
FIFO
FIFOP , if threshold
higher than frame length
FIFOP , if threshold
lower than frame length
SF
D
de
te
cte
d
Le
ng
th
by
te
re
ce
ive
d
La
st
M
PD
U
by
te
re
ce
ive
d
Preamble
SFD Length
Data received over RF
SFD
FIFO
FIFOP
Ad
dr
es
s r
eg
oc
nit
ion
co
m
ple
te
d
MAC Protocol Data Unit (MPDU) with correct address
MAC Protocol Data Unit (MPDU) with wrong address
Address
recognition OK
Address
recognition fails
Figure 41: SFD, FIFO and FIFOP activity examples during receive
PSDU0
PSDU1
RXFIFO
read data
Length
PSDU5
PSDU2
PSDU3
RSSI
FIFOP
FIFO
PSDU4
FCS/Corr
Figure 42: Example of status activity when reading RXFIFO.
14.9 Transmit mode
During transmit, the RFSTATUS.FIFO and
RFSTATUS.FIFOP bits are still only
related
to
the
RXFIFO.
The
RFSTATUS.SFD bit is however active
during transmission of a data frame, as
shown in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com