Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 174 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 174 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 174 of 232
compliant with [1]. Changing these values
will make the system non-compliant to
IEEE 802.15.4.
A synchronization header is always
transmitted first in all transmit modes.
The preamble sequence length can be set
with
RF
register
bit
MDMCTRL0L.PREAMBLE_LENGTH,
while
the
SFD
is
programmed
in
the
SYNCWORDH:SYNCWORDL
registers.
SYNCWORDH:SYNCWORDL is two bytes
long, which gives the user some extra
flexibility as described below. Figure 46
shows how the
CC2430 synchronization
header relates to the IEEE 802.15.4
specification.
The programmable preamble length only
applies to transmission, it does not affect
receive mode. The preamble length should
not be set shorter than the default value.
Note that 2 of the 8 zero-symbols in the
preamble sequence required by [1] are
included in the SYNCWORDH:SYNCWORDL
registers so that the
CC2430 preamble
sequence is only 6 symbols long for
compliance with [1]. Two additional zero
symbols
in
SYNCWORDH:SYNCWORDL
make
CC2430 compliant with [1].
In reception,
CC2430 synchronizes to
received zero-symbols and searches for
the SFD sequence defined by the
SYNCWORDH:SYNCWORDL registers. The
least
significant
symbols
in
SYNCWORDH:SYNCWORDL set to 0xF will
be ignored, while symbols different from
0xF will be required for synchronization.
The default setting of 0xA70F thereby
requires one additional zero-symbol for
synchronization. This will reduce the
number of false frames detected due to
noise.
In
receive
mode
CC2430 uses the
preamble
sequence
for
symbol
synchronization
and
frequency
offset
adjustments. The SFD is used for byte
synchronization, and is not part of the data
stored in the receive buffer (RXFIFO).
0
7
A
IEEE 802.15.4
Preamble
SFD
CC2430
2·(PREAMBLE_LENGTH + 1) zero symbols
0
0
0
0
0
0
0
SW0
SW0 = SYNCWORD[3:0]
SW1 = SYNCWORD[7:4]
SW2 = SYNCWORD[11:8]
SW3 = SYNCWORD[15:12]
SW1
SW2
SW3
if different from 'F', else '0'
if different from 'F', else '0'
if different from 'F', else '0'
if different from 'F', else '0'
Synchronisation Header
Figure 46: Transmitted Synchronization Header
14.14 Length field
The frame length field shown in Figure 45
defines the number of bytes in the MPDU.
Note that the length field does not include
the length field itself. It does however
include
the
FCS
(Frame
Check
Sequence), even if this is inserted
automatically by
CC2430 hardware.
The length field is 7 bits and has a
maximum value of 127. The most
significant bit in the length field is reserved
[1], and should be set to zero.
CC2430 uses the length field both for
transmission and reception, so this field
must always be included. In transmit
mode, the length field is used for
underflow detection, as described in the
FIFO access section on page 169.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com