Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 172 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 172 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 172 of 232
Figure 43.
The RFIF.IRQ_SFD interrupt flag goes
high and the RF interrupt is requested
when the SFD field has been completely
transmitted. It goes low again when the
complete MPDU (as defined by the length
field) has been transmitted or if an
underflow is detected. The interrupt
RFERR is asserted when enabled. See
section 14.17.1 on page 176 for more
information on TXFIFO underflow.
As can be seen from comparing Figure 41
and
Figure
43,
the
RFSTATUS.SFD
bit
behaves very similarly during reception
and transmission of a data frame. If the
RFSTATUS.SFD bits of the transmitter and
the receiver are compared during the
transmission of a data frame, a small
delay of approximately 2 µs can be seen
because of bandwidth limitations in both
the transmitter and the receiver.
Preamble
SFD
Lengt
h
Data
transmitted
over RF
SFD
SF
D
tra
ns
m
itte
d
La
st
M
PD
U
by
te
tra
ns
m
itte
d
or
TX
un
de
rfl
ow
MAC Protocol Data Unit (MPDU)
ST
XO
N
co
m
m
an
d
str
ob
e
12 symbol periods
Automatically generated
preamble and SFD
Data fetched
from TXFIFO
CRC
generated
Figure 43: SFD status activity example during transmit
14.10 General control and status
In receive mode, the RFIF.IRQ_FIFOP
interrupt flag and RF interrupt request can
be used to interrupt the CPU when a
threshold has been exceeded or a
complete frame has been received.
In receive mode, the RFSTATUS.FIFO bit
can be used to detect if there is data at all
in the receive FIFO.
The RFIF.IRQ_SFD interrupt flag can be
used to extract the timing information of
transmitted and received data frames. The
RFIF.IRQ_SFD bit will go high when a
start
of
frame
delimiter
has
been
completely detected / transmitted.
For
debug
purposes,
the
RFSTATUS.SFD,
RFSTATUS.FIFO,
RFSTATUS.FIFOP and RFSTATUS.CCA
bits can be output onto P1.7 – P1.4 I/O
pins to monitor the status of these signals
as selected by the IOCFG0, IOCFG1
and IOCFG2 register.
The polarity of these signals given on the
debug outputs can also be controlled by
the IOCFG0-2 registers, if needed.
14.11 Demodulator, Symbol
Synchronizer and Data Decision
The block diagram for the
CC2430
demodulator is shown in Figure 44.
Channel filtering and frequency offset
compensation is performed digitally. The
signal level in the channel is estimated to
generate the RSSI level (see the RSSI /
Energy Detection section on page 181 for
more information). Data filtering is also
included for enhanced performance.
With the ±40 ppm frequency accuracy
requirement from [1], a compliant receiver
must be able to compensate for up to 80
ppm or 200 kHz. The
CC2430 demodulator
tolerates up to 300 kHz offset without



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com