Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 10Page - STMicroelectronics STA8100GA Datasheet HTML 11Page - STMicroelectronics STA8100GA Datasheet HTML 12Page - STMicroelectronics STA8100GA Datasheet HTML 13Page - STMicroelectronics STA8100GA Datasheet HTML 14Page - STMicroelectronics STA8100GA Datasheet HTML 15Page - STMicroelectronics STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
General description
STA8100GA
14/42
DS13006 Rev 4
3.4.4
AXI bus
AXI Bus matrix handles major high bandwidth transactions for STA8100GA. It connects the
SRAM, boot ROM and external memory controllers, which provide access to the external
Flash. ARM® acts as a master on this bus with the highest priority.
3.5
APB peripherals
3.5.1
APB bridge 2 peripherals
AHB to APB Bridge 2 sits on AHB bus matrix 0 as a slave and is used to connect
peripherals. These slaves will be accessed by AHB masters connected to AHB bus
matrix 0.
The peripherals connected to APB 2 are:
UART2, MSP1, GPIO PORT 2, MTU1.
3.5.2
APB bridge 1 peripherals
AHB to APB bridge 1 sits on AHB bus matrix 0 as a slave and is used to connect
peripherals. These slaves will be accessed by AHB masters connected to AHB bus matrix0.
The peripherals connected to APB 1 are UART1, EFT0, EFT1, GPIO PORT 0 and 1, MTU0,
OTP, SSP, Thermal sensor, Watchdog timer.
3.5.3
APB bridge 0 peripherals
AHB to APB bridge 0 sits on AHB bus matrix 0 as a slave and is used to connect
peripherals. These slaves will be accessed by AHB masters connected to AHB bus matrix0.
The peripherals connected to APB 0 are the ones on the always on domain:
PRCC always ON, RTC.
3.5.4
AHB slave devices
There are some AHB slave devices which are connected to AHB bus matrix 0.
3.6
eSRAM
256 KB of embedded RAM are available on top of the TCM RAM.
The eSRAM is directly connected to the MCU through the AXI bus. It can be used for data
and instruction.
3.7
Serial Flash Memory Controller (SFC)
The Serial Flash Memory Controller supports single, quad and octal memories. It can be
used for in place execution thanks to direct memory mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com