Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 15Page - STMicroelectronics STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DS13006 Rev 4
19/42
STA8100GA
General description
33
3.17
Temperature sensor
Thermal sensor provides digital measurement of junction temperature. Temperature
measurement range is -40 to 125 °C. It uses integrated bandgap reference and 8-bit ADC.
The temperature sensor provides two threshold registers. Writing in these registers and
enabling the threshold mode compare the temperature recorded with the threshold value. If
the temperature is higher than the upper threshold register or lower than the lower threshold
register, it generates an interrupt if enabled.
3.18
Serial boot pins
UART2-TX (Boot0) pin is used to select the boot configuration of Cortex® M7. The ROM
code starts the boot process which then reads the PRCC register (UART2-TX) which has
already latched the UART2-TX pin (C8 ball) status after latch reset.
Based on this register value, the code is loaded from one of the two options as given in the
table below:
Table 8. Antenna sensing current - power rising
Current from antenna
(when current is rising)
SENSE<1>
SENSE<0>
I < 24 mA
0
0
24 ≤ I ≤ 62 mA
0
1
I > 62 mA
1
1
Table 9. Antenna sensing current - power falling
Current sunk from antenna
(when current is falling)
SENSE<1>
SENSE<0>
I > 53 mA
1
1
16 ≤ I ≤ 53 mA
0
1
I < 16 mA
0
0
Table 10. Temperature sensor
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Tsens
Sensitivity
1
°C
Tacc(1)
Accuracy
Calibration performed at 125°C
+/-3(2)
—+/-10
°C
1. Best accuracy is at calibrated temperature.
2. Limited by manufacturing calibration environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com