Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
General description
STA8100GA
20/42
DS13006 Rev 4
3.19
Reset
After a reset, the Cortex® M7 is woken-up by the ROM code.
The PRCC module is used to sequence through all the steps needed to properly reset the
device and prepare it to fetch the first instruction of the user application code.
STA8100GA has the following reset options:
1.
Pad reset: SoC will have active low chip reset (RESET) pad. Low (zero) status on this
pad will keep device in the reset. Assertion of this pin low should be minimum of 5 ms.
2.
Power on reset: The power on reset circuitry is embedded in the main voltage regulator
built on HV supply (VCORE_IN) of regulator. It ensures all voltage monitors are under
reset state until VCORE_IN (or VDD_EXT_REG) minimum voltage is reached.
3.
Hardware resets: The internal voltage regulator embeds multiple LVD (Low Voltage
Detector) and HVD (High Voltage Detector) which are used in the reset sequence.
4.
Soft reset: Different peripherals present on STA8100GA can be reset independently
through registers present inside PRCC module.
3.20
Power Management Unit (PMU)
STA8100GA embeds five voltage regulators (LDO):
Table 11. Boot peripheral selection
Pin
ROM action
UART2-TX = 0
Boot from flash memory - SFC controller
UART2-TX = 1
Boot from peripheral - UART
Table 12. LDO on-chip regulators
LDO
Supply regions
Input voltage
Typical output voltage
at 25°C
CORE LDO
Core
VCORE_IN = 1.62 – 3.6 V
1.2 V
LDO2v5
Safmem, temp sensor VIO_IN = 3.3 V
2.5 V
IO LDO
IO ring 1
VIO_IN = 3.3 V
1.8 V
BACKUP LDO
Always on
VBK_IN = 1.62 – 3.6 V
1.2 V
RFLDO
RF
VRF_IN = 1.62 – 3.6 V
1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com