Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Electrical specifications
STA8100GA
24/42
DS13006 Rev 4
4.3
Electrical characteristics
Table 15. Operating junction temperature range
Parameter
Min.
Typ.
Max.
Units
Junction temperature
-40
27
125
°C
Table 16. VDD_EXT_REG - external core power supply
Parameter
Min.
Typ.
Max.
Units
Comment
External core power supply
(VDD_EXT_REG)
1.18
1.25
1.32
V
EXT_SEL_REG = High
Table 17. PMU11 - Functional specifications
Specification
Min.
Typ.
Max.
Units
Comment
LDO_BK
Input voltage (VBK_IN)
1.7
3.3
3.6
V
—
Output voltage (VBK_OUT)
1.10
1.2
1.26
V
—
Load current at normal mode
—
—
2
mA
—
Load current at deep standby mode
—
—
50
uA
Tamb<27 °C,
VBK_IN=1.8 V
LDO power consumption at normal mode
(specified by design)
——
20
uA
—
LDO power consumption at deep standby mode
(specified by design)
—1—
uA
Tamb<27 °C,
VBK_IN=1.8 V
LDO power down consumption
(specified by design)
——
1
uA
—
External capacitance (VBK_OUT)
(specified by design)
0.5
1
1.2
uF
—
Line regulation
—
—
10
mV
—
Load regulation
VO = 1.2 V max at Iout = 0 mA
VO = 1.1 V max at Iout = 2 mA
—
—
100
mV
—
Start-up time (specified by design)
—
—
600
μs
—
VBK_IN slew rate
0.04
—
400
ms
In case of
VBK_IN slew
rate < Min., a
10 Ohm serial
resistance is
recommended
on VBK_IN line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com