Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics STA8100GA Datasheet HTML 37Page - STMicroelectronics STA8100GA Datasheet HTML 38Page - STMicroelectronics STA8100GA Datasheet HTML 39Page - STMicroelectronics STA8100GA Datasheet HTML 40Page - STMicroelectronics STA8100GA Datasheet HTML 41Page - STMicroelectronics STA8100GA Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Revision history
STA8100GA
38/42
DS13006 Rev 4
7
Revision history
Table 36. Document revision history
Date
Revision
Changes
13-May-2019
1
Initial release
29-Oct-2020
2
Cover page
– Changed datasheet classification to Production data
– Changed AEC-Q100 qualification to Qualified.
– Removed the R in a circle superscript symbol that was
inserted after “STMicroelectronics”
– Added “for 85 °C maximum ambient temperature
operations or 1.2V +/-5 % external voltage supply for
105 °C maximum ambient temperature operations” to
bullet starting with “Main voltage domain 1.7 V to
3.6 V with LDO...”
– Updated the IO-Ring 2 bullet with +/-10 % after the
3.3 V value
– Removed “Hyper SPI Flash and RAM controller”
– ESD voltage updated to 500V and other minor
editorial changes.
– Serial interface / UART updated to 3
– Removed “2x On the Fly decryptor engines”
– Removed “Embedded hardware security micro
enhanced”
– USB2.0 full speed updated to 12 Mb/s
Table 1: Power supply pins: Updated the from “Backup
power may....after.” to “Backup p
ower shall....after”.
Table 2: Main function pins:
– Updated EXT_REG_SEL, RTC_XTI and RTC_XTO’s
IO voltage data
– Updated footnote
– Updated the text from “Input..... clock circuit.” to “If
32 kHz.....then input of.......amplifier circuit...... clock
counter circuitry.”
– Added a note, “If VCORE_IN is.......HIGH level,.......
enter Standby mode.”
Table 3: RF front-end pins:
Updated Symbol name for ANTSens1 and ANTSens2
and change IO voltage for LNA_IN,LNA_OUT,RFA_IN
and TCXO_IN.
Table 6: Communication interface pins:
Extensive update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com