Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics STA8100GA Datasheet HTML 30Page - STMicroelectronics STA8100GA Datasheet HTML 31Page - STMicroelectronics STA8100GA Datasheet HTML 32Page - STMicroelectronics STA8100GA Datasheet HTML 33Page - STMicroelectronics STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DS13006 Rev 4
31/42
STA8100GA
Electrical specifications
33
4.6.2
SPI
4.6.3
MSP master mode
Input
TIS
0.5
—ns—
TIH
2.5
—ns—
Output Todly
-2.5
2.4
ns
25 pF
Table 28. SQIO DTR mode (DQS mode for flash read)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
65
MHz
25 pF
65 MHz is the flash write frequency
CLK period
15.38
ns
CLK duty cycle
40
60
%
Input
TIS
0
—ns—
TIH
0
—ns—
Output Todly
-1.25
1.8
ns
25 pF
Table 27. SQIO SDR mode (feedback mode) (continued)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Table 29. SPI (master mode)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
19.625
MHz
25 pF
CLK period
50.95
ns
CLK duty cycle
40
60
%
Input
TIS
10
ns
TIH
2
—ns—
Output Todly
2
10
ns
25 pF
Table 30. MSP0 master mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
9.8125
MHz
25 pF
CLK period
101.9
ns
CLK duty cycle
40
60
%
Input
TIS
10
ns
TIH
4
—ns—
Output Todly
0
10
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com