Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DS13006 Rev 4
25/42
STA8100GA
Electrical specifications
33
Table 18. PMU12 - Functional specifications
Specification
Min.
Typ.
Max.
Units
Comment
LDO_CORE
Input voltage (VCORE_IN)
1.71
3.3
3.6
V
—
Output voltage (VCORE_OUT available at
balls VDD_EXT_REG)
1.14
1.25
1.30
V
EXT_REG_SEL
= low
(VDD_EXT_REG)
Load current (mA)
—
—
450
mA
—
LDO power consumption
(specified by design)
——
200
uA
—
LDO power down consumption
(specified by design)
——
4
uA
—
External capacitance (VCORE_OUT)
(specified by design)
2.35
4.7
6.35
uF
EXT_REG_SEL
= low
(VDD_EXT_REG)
Line regulation
—
—
10
mV
—
Load regulation
—
—
70
mV
—
Load current transient
(specified by design)
—
—
150/100
mA/nS
—
Start-up time (specified by design)
—
15
—
us
—
LDO IO
Input voltage (VIO2_IN)
3
3.3
3.6
V
—
Output voltage (VIO1_EXT)
1.72
1.80
1.90
V
—
Load current
—
—
90
mA
—
LDO power consumption
—
—
200
uA
—
LDO power down consumption
—
—
4
uA
—
External capacitance (specified by design)
1.1
2.2
3
uF
—
Line regulation
—
—
10
mV
—
Load regulation
—
—
100
mV
—
Load current transient
(specified by design)
—
—
90/100
mA/ns
—
Start-up time (specified by design)
—
25
—
us
—
LDO_RF
VRF_IN
1.62
—
3.6
V
—
VRF_OUT
1
1.15
1.25
V
—
Load Current on VRF_OUT
—
27
—
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com