Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 11Page - STMicroelectronics STA8100GA Datasheet HTML 12Page - STMicroelectronics STA8100GA Datasheet HTML 13Page - STMicroelectronics STA8100GA Datasheet HTML 14Page - STMicroelectronics STA8100GA Datasheet HTML 15Page - STMicroelectronics STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DS13006 Rev 4
15/42
STA8100GA
General description
33
3.8
SSP
STA8100GA has one Synchronous Serial Ports (SSPs). The SSP is a master or slave
interface that enables synchronous serial communication with slave or master peripherals
having one of the following:
•
Serial peripheral interface bus standards
•
Synchronous serial protocol bus standards
•
Micro-wire interface bus standards
•
Unidirectional interface
In both master and slave configurations, the SSP has the following features:
•
Parallel-to-serial conversion on data written to an internal 32-bit wide, 32-location deep
transmit FIFO
•
Serial-to-parallel conversion on received data, buffering it in a 32-bit wide, 32-location
deep receive FIFO
•
Programmable data frame size from 4 to 32 bits
•
Programmable clock bit rate and pre-scaler
•
Programmable clock phase and polarity in SPI mode
•
Support for direct memory access (DMA)
3.9
UART
The UARTx performs serial-to-parallel conversion on data asynchronously received from a
peripheral device on UARTx_RX pin, and parallel-to-serial conversion on data written by
CPU for transmission on UARTx_TX pin. The transmit and receive paths are buffered with
internal FIFO memories allowing up to 64 data byte for transmission, and 64 data byte with
4-bit status (break, frame, parity, and overrun) for receive. FIFOs may be burst-loaded or
emptied by the system processor or DMA, from one to sixteen words per transfer.
3.10
Watchdog Timer (WDT)
Watchdog Timer (WDT) provides a way of recovering from software crashes. The watchdog
clock is used to generate a regular interrupt (Irq_wdt), depending on a programmed value.
The watchdog monitors the interrupt and asserts a HW reset signal (WDOGRES) if the
interrupt remains unserviced for the entire programmed period. The WDT is counting down
at a fixed frequency of 32.768 kHz.
The watchdog timer peripheral can be used as free-running timer or as watchdog to resolve
processor malfunctions due to hardware or software failures.
Feature set overview:
•
16-bit down counter
•
8-bit clock pre-scaler
•
Safe reload sequence
•
Free-running timer mode
•
End of counting interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com