Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
General description
STA8100GA
22/42
DS13006 Rev 4
By default IO ring1 is at 1.8 V supplied by internal LDO IO. If IO ring1 has to be at 3.3 V then
external supply must be applied on VIO1 at 3.3 V.
The switchable power region can be supplied by an external voltage regulator directly at pin
VDD_EXT_REG. The integrated LDO CORE has to be switched off by forcing
EXT_REG_SEL to high voltage.
The usage of the external regulator to supply the switchable power region is mandatory in
applications that require to sustain 105 °C.
3.21
CAN interface
CAN sub-system comprises two fully independent FD-CAN controllers: CAN0 and CAN1.
Both controllers conform with CAN protocol version 2.0 part A, B and ISO 11898-1: 2015.
Maximum data bit rate supported is 1Mbit/s.
3.22
I2C high speed controller
One I2C high speed controller interface is capable of master/slave modes in multi-master
environment. It is DMA capable and multiple baud rates are supported: 100/ 400/ 1000/
3400 Kbits/s.
3.23
Full speed USB 2.0
It supports 12 Mbps (full speed) and 1.5 Mbps (low speed) serial data transmission
according to USB 2.0 OTG controller specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com