Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DS13006 Rev 4
23/42
STA8100GA
Electrical specifications
33
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
Table 13. Absolute maximum ratings with on chip LDO voltage regulation
Symbol
Parameter
Value
Unit
Min.
Max.
VRF_IN
Supply voltages
-0.3
3.9
V
VCORE_IN
Supply voltages
-0.3
3.9
V
VBK_IN
Supply voltages
-0.3
3.9
V
VIO_IN
Supply voltages
-0.3
3.9
V
VDD_EXT_REG(1)
1. EXT_REG_SEL = high
Supply voltages
-0.3
1.4
V
TJ
Junction operating temperature
-40
125
°C
TS
Storage temperature
-55
150
°C
ESDHBM
Electro static discharge – Human Body Model
—
+/-2
kV
ESDCDM(2)
2. RFA_IN ESDCDM Max is +/-150V. LNA_IN ESDCDM Max is +/-250V
Electro static discharge – Charge Device Model
—
+/-500
V
LU
Latch Up
-100
+100
mA
Table 14. Thermal data
Symbol
Parameter
Value
Unit
TAMB
Ambient operating temperature
- 40 to 105
°C
θJA(1)
1. Multilayer 2s2p as per JEDEC JESD51-2
Thermal resistance junction-ambient
33
°C/ W
ΨJC(2)
2. JESD51-8
Thermal characterization parameter
junction-case
3°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com