Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics STA8100GA Datasheet HTML 30Page - STMicroelectronics STA8100GA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DS13006 Rev 4
27/42
STA8100GA
Electrical specifications
33
P_1dB
RF-IF-VGA input compression
Point
In band
RFA max VGA max
—-100
dBm
In band
RFA max VGA min
—-50
NFRF-IF
RF-IF-VGA noise figure(1)
VGA & RFA at max gain in
L1-L2-L5-L band
—5—
dB
BW
-1 dB high freq. corner IF filter
Set corner #1
13
MHz
Set corner #2
8
ATT
Aliasing frequency rejection
F = 51 MHz (corner #1)
20
dB
F = 58 MHz (corner #2)
20
Fractional synthesizer – VCO
TCXO in
TCXO frequency
10
26
55
MHz
RDIV
Reference divider range
1
63
NDIV
Loop divider range
56
2047
Frac
PLL fractionality
18
bit
FLO
LO operating frequency
2300
3300
MHz
1. Specified by design.
Table 20. RF Electrical characteristics (Tj = 125 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 21. Electrical characteristics of digital input and output buffers
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Input and output buffers
VIH_1V8
CMOS input high level
0.65
× V18_IO
0.3 + V18_IO
V
VIL_1V8
CMOS input high level
- 0.3
0.35
× V18_IO
V
VIH_3V3
CMOS input high level
2.0
0.3 + V33_IO
V
VIL_3V3
CMOS input high level
- 0.3
0.8
V
CIN
CMOS input capacitance
3
pF
VOH
CMOS output high level
at max. IOH
VIO - 0.4
V
VOL
CMOS output low level
at max. IOL
0.4
V
IOL/IOH IO
ring1 and
PPS_OUT
Driving current to sustain
VOL/VOH
VOL/VOH
0—
4
mA
IOL/IOH IO
ring2 but
PPS_OUT
Driving current to sustain
VOL/VOH
VOL/VOH
0—
2
mA
tRISE(1)
CMOS output rise time
with CL = 15 pF, from 10
to 90 %; 3.3 V
2 mA max. current
drive
—3
ns
4 mA max. current
drive
—2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com