Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics STA8100GA Datasheet HTML 30Page - STMicroelectronics STA8100GA Datasheet HTML 31Page - STMicroelectronics STA8100GA Datasheet HTML 32Page - STMicroelectronics STA8100GA Datasheet HTML 33Page - STMicroelectronics STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Electrical specifications
STA8100GA
32/42
DS13006 Rev 4
4.6.4
JTAG
Table 31. MSP0 slave mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
9.8125
MHz
25 pF
CLK period
101.9
ns
CLK duty cycle
40
60
%
Input
TIS
10
ns
TIH
4
—ns—
Output Todly
0
14.5
ns
25 pF
Table 32. MSP1 slave mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
9.8125
MHz
25 pF
CLK period
101.9
ns
CLK duty cycle
40
60
%
Input
TIS
7
—ns—
TIH
4
—ns—
Output Todly
0
14
ns
25 pF
Table 33. Default JTAG mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
26
MHz
25 pF
CLK period
38.4
ns
CLK duty cycle
40
60
%
Input
TIS
5
—ns—
TIH
5.5
—ns—
Output Todly
-3
15
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com