Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 32Page - STMicroelectronics STA8100GA Datasheet HTML 33Page - STMicroelectronics STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics STA8100GA Datasheet HTML 37Page - STMicroelectronics STA8100GA Datasheet HTML 38Page - STMicroelectronics STA8100GA Datasheet HTML 39Page - STMicroelectronics STA8100GA Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Package information
STA8100GA
36/42
DS13006 Rev 4
Table 35. LFBGA81 package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A(1)
1. LFBGA stands for Thin profile Fine Pitch Ball Grid Array:
Thin profile: 1.2 mm < A Max
≤ 1.7 mm / Fine pitch: e < 1.00 mm.
The total profile height (Dim A) is measured from the seating plane “C” to the top of the component.
The maximum total package height is calculated by the RSS (Root Sum Square) methodology:
A Max = A1 Typ + A3 Typ + A4 Typ +
√ (A12 + A32 + A42 tolerance values).
—
—
1.70
A1
0.25
—
—
A2
—
0.86
—
A3
—
0.27
—
A4
—
—
0.62
b(2)
2. The typical ball diameter before mounting is 0.40 mm.
0.35
0.40
0.45
D
7.85
8.00
8.15
D1
—
6.40
—
E
7.85
8.00
8.15
E1
—
6.40
—
e
—
0.80
—
F
—
0.80
—
ddd
—
—
0.10
eee(3)
3. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
—
—
0.15
fff(4)
4. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each ball
must lie simultaneously in both tolerance zones.
—
—
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com