Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 22Page - STMicroelectronics STA8100GA Datasheet HTML 23Page - STMicroelectronics STA8100GA Datasheet HTML 24Page - STMicroelectronics STA8100GA Datasheet HTML 25Page - STMicroelectronics STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics STA8100GA Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Electrical specifications
STA8100GA
26/42
DS13006 Rev 4
Table 19. Current consumption (Tj = 125 °C)
Symbol
Parameter
Test condition
Min. Typ.
Max.
Unit
IBK_Normal
Current consumption at VBK_IN
in normal mode
VBK_IN=3.3 V
—
—
1
mA
IBK_DeepStand
by
Current consumption at VBK_IN
Deep Standby mode
VBK_IN=1.8V
Tamb<27 °C
——
50
uA
ICORE_Functio
nal_85
Current consumption at
VCORE_IN with ST reference
application design running
VCORE_IN=3.3 V
EXT_REG_SEL=Low
Max. ambient
temperature=85 °C
—
—
300(1)
mA
ICORE_Functio
nal_105
Current consumption at
VDD_EXT_REG with ST
reference application design
running
VCORE_IN=3.3 V
EXT_REG_SEL=High
VDD_EXT_REG=1.25 V
Max. ambient
temperature=105 °C
—
—
400
mA
ICC_VRFIN
Current consumption at VRF_IN
VRF_IN=3.3 V
All RF block ON,
with VCC_LNA and
VCC_PLL connected to
VBK_OUT on PCB.
Tamb=25 °C
—28
—
mA
ICC_VRFIN_off
Current consumption at VRF_IN
with G5RF in standby (off)
VRF_IN=3.3 V All RF
block OFF,
with VCC_LNA and
VCC_PLL connected to
VBK_OUT on PCB.
Tamb=25 °C
—150
—
uA
1. Maximum current at VCORE is limited by maximum junction temperature at 125 °C and
θJA 33 °C/W (which depends on
application printed circuit board).
Table 20. RF Electrical characteristics (Tj = 125 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
LNA
Gp
Power gain
L1 band
—
15
—
dB
L2- L5 band
—
15
—
NF
Noise figure(1)
L1 band
—
2.5
—
dB
L2- L5 band
—
2.5
—
LNA P_1dB
Input compression point
—
—
-16
—
dBm
RFA − MIXER − IF FILTER – VGA
GpRFA
RFA voltage gain
Max gain
—
15
—
dB
Min gain
—
5
—
dB
GC
Conversion gain (from RFA in to
ADC input)
VGA & RFA at max gain
—
90
—
dB
VGA & RFA at min gain
—
40
—
ΔVGA
VGA dynamic range
—
—
50
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com