Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics STA8100GA Datasheet HTML 37Page - STMicroelectronics STA8100GA Datasheet HTML 38Page - STMicroelectronics STA8100GA Datasheet HTML 39Page - STMicroelectronics STA8100GA Datasheet HTML 40Page - STMicroelectronics STA8100GA Datasheet HTML 41Page - STMicroelectronics STA8100GA Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DS13006 Rev 4
39/42
STA8100GA
Revision history
41
29-Oct-2020
(contd.)
2
Table 7: GNSS user cases:
– Updated table.
– Updated note “Maximum 72 satellites tracked
simultaneously.” to “Maximum 64 satellites tracked
simultaneously.”
Table 10: Temperature sensor:
Updated Min. value and added a second footnote.
Table 12: LDO on-chip regulators:
updated Typ.output voltage @25C column
Table 13: Absolute maximum ratings with on chip LDO
voltage regulation: Updated TS max. value
Table 14: Thermal data:
– Updated
θJA parameter and value
– Updated
ΨJC parameter
Table 16: VDD_EXT_REG - external core power supply:
updated min, typ and max values.
Table 17: PMU11 - Functional specifications:
Extensive update
Table 18: PMU12 - Functional specifications:
Extensive update
Table 19: Current consumption (Tj = 125 °C):
– Removed the ICORE_Dynamic row, ICC_VLNA,
ICC_VPLL.
– Updated test condition and Typ. value for ICC_VRFIN
– Added a row for ICC_VRFIN_off
– Removed IVIO1_EXT and IVIO2_IN
Table 20: RF Electrical characteristics (Tj = 125 °C):
Extensive update
Table 21: Electrical characteristics of digital input and
output buffers: Added.
Table 26: Clock data: Updated the symbol from “TIS and
TIH” to “TJS and TJH” respectively.
Table 34: Low speed and full speed mode: Replaced
“high” with “full”.
Table 48: Order codes
Replaced “tray” with “tape”
Figure 1: STA8100GAS block diagram: Updated
Table 36. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com