Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics STA8100GA Datasheet HTML 37Page - STMicroelectronics STA8100GA Datasheet HTML 38Page - STMicroelectronics STA8100GA Datasheet HTML 39Page - STMicroelectronics STA8100GA Datasheet HTML 40Page - STMicroelectronics STA8100GA Datasheet HTML 41Page - STMicroelectronics STA8100GA Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Revision history
STA8100GA
40/42
DS13006 Rev 4
29-Oct-2020
(contd.)
2
Figure 2: Device ballout:
– Replaced CAN0_RX and CAN0_TX with GPIO6 and
GPIO5 respectively.
– Replaced SPI_CS, SPI_SI, and SPI_SO with JTAG-
TMS, JTAG-TDI, and JTAG-TDO respectively.
– Replaced PPS_OUT, and SPI_CK with JTAG-TRSTn,
and JTAG-TCK respectively.
– Replaced SFC_ECS with GPIO67.
– Updated TP_IF_N, TP_IF_P, and EOUT0 with
TP_IF_N/ ANTSens1/ AIN0, P_IF_P/ ANTSens2/
AIN1, and PPS_OUT respectively.
– Updated footnote from “Balls all have alternate.......
functions A.” to “Balls all have......registers”.
Figure 4: LDO on-chip regulators dependencies:
updated
Figure 7: Clock block diagram: added
Section 3.2: RF front end (G5RF): Updated the text from
“The RF_IF chain..... 2-bit ADC.....(MAG) bit.” to “The
RF_IF..... 3-bit ADC......(MAG1, MAG0) bit”.
Section 3.5.2: APB bridge 1 peripherals: Removed mail
box and OTFDEC peripherals.
Section 3.16: Antenna sensing: Updated section
introduction paragraph.
Section 3.19: Reset:
Extensive update
Section 4.4: RTC 32.768 kHz oscillator specifications:
– Added section
Section 4.6: Digital interface AC timing characteristics
(specified by design): Updated the section title from
“Interface AC timing characteristics” to “Interface AC
timing characteristics (guaranteed by design).”
Section 4.6.5: USB - low speed and full speed mode:
Replaced “high” with “full”.
Removed sections related to Safety requirement,
Hyperbus, HSM, OTP and OTFDEC.
23-Nov-2020
3
Public version on STMicroelectronics site.
Updated Table 7: GNSS user cases.
Table 36. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com