Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8100GA Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 34Page - STMicroelectronics STA8100GA Datasheet HTML 35Page - STMicroelectronics STA8100GA Datasheet HTML 36Page - STMicroelectronics STA8100GA Datasheet HTML 37Page - STMicroelectronics STA8100GA Datasheet HTML 38Page - STMicroelectronics STA8100GA Datasheet HTML 39Page - STMicroelectronics STA8100GA Datasheet HTML 40Page - STMicroelectronics STA8100GA Datasheet HTML 41Page - STMicroelectronics STA8100GA Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DS13006 Rev 4
41/42
STA8100GA
Revision history
41
7-Oct-2021
4
Following are the changes in this revision of the
Datasheet:
Updated all occurrences of “guaranteed by design” to
“specified by design” in the document.
Removed information related to SDMMC.
Section : Features:
– Added a bullet for Hardware Security Module (HSM).
– Added a bullet for ST-DRAW.
– Removed bullet for SDMMC (Secure Digital Multi
Media Card Controller).
Section : Description: Added a statement for security
feature and TESEO-DRAW.
Section 1: Overview: Updated to add statements related
to HSM feature.
Figure 1: STA8100GAS block diagram: Updated the
block diagram and added a note.
Table 6: Communication interface pins: Extensive
update in the values of the table. Added footnote.
Section 3.10: Watchdog Timer (WDT): Updated to add
HW reset in the description.
Figure 4: LDO on-chip regulators dependencies:
Updated the block diagram.
Table 16: VDD_EXT_REG - external core power supply:
Updated Min. and Max. voltage values.
Table 17: PMU11 - Functional specifications: Removed
rows for ILVDBK, ILVDCORE_BK, OLVDBK, OHVDBK,
OLVDCORE_BK. Added “specified by design” for some
parameters in Specification column.
Table 18: PMU12 - Functional specifications: Removed
rows for IVLDCORE, OLVDCORE, OHVDCORE,
OLVDBK_CORE, OLVDRF, ILVDIO2, OLVDIO1 and
OHVDIO1. Added “specified by design” for some
parameters in Specification column.
Table 19: Current consumption (Tj = 125 °C): Added a
row for ICORE_functional_105. Updated information
related to ICORE_Functional_85. Added a footnote.
Table 22: Crystal recommended specifications:
Removed footnote.
Table 28: SQIO DTR mode (DQS mode for flash read):
Added table.
Section 6: Ordering information: Removed the table for
order codes.
Figure 9: Ordering information scheme: Added the
diagram.
Table 36. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com