Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 41Page - STMicroelectronics STA350B Datasheet HTML 42Page - STMicroelectronics STA350B Datasheet HTML 43Page - STMicroelectronics STA350B Datasheet HTML 44Page - STMicroelectronics STA350B Datasheet HTML 45Page - STMicroelectronics STA350B Datasheet HTML 46Page - STMicroelectronics STA350B Datasheet HTML 47Page - STMicroelectronics STA350B Datasheet HTML 48Page - STMicroelectronics STA350B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
DocID018572 Rev 7
45/94
STA350B, STA350BW
Register description
94
8.4.3
DSP bypass
Setting the DSPB bit to 1 bypasses the EQ function of the STA350Bx.
8.4.4
Post-scale link
Post-scale functionality can be used for power-supply error correction. For multi-channel
applications running off the same power-supply, the post-scale values can be linked to the
value of channel 1 for ease of use and to update the values faster.
8.4.5
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the channel-1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates have to be
performed only once.
8.4.6
Dynamic range compression/anti-clipping bit
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent
on the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
Table 29. DSP bypass
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: Normal operation
1: Bypass of biquad and bass/treble functions
Table 30. Post-scale link
Bit
R/W
RST
Name
Description
3
R/W
0
PSL
0: Each channel uses individual post-scale value
1: Each channel uses channel 1 post-scale value
Table 31. Biquad coefficient link
Bit
R/W
RST
Name
Description
4R/W
0
BQL
0: Each channel uses coefficient values
1: Each channel uses channel 1 coefficient values
Table 32. Dynamic range compression/anti-clipping bit
Bit
R/W
RST
Name
Description
5
R/W
0
DRC
0: Limiters act in anti-clipping mode
1: Limiters act in dynamic range compression mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com