Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 15Page - STMicroelectronics STA350B Datasheet HTML 16Page - STMicroelectronics STA350B Datasheet HTML 17Page - STMicroelectronics STA350B Datasheet HTML 18Page - STMicroelectronics STA350B Datasheet HTML 19Page - STMicroelectronics STA350B Datasheet HTML 20Page - STMicroelectronics STA350B Datasheet HTML 21Page - STMicroelectronics STA350B Datasheet HTML 22Page - STMicroelectronics STA350B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
DocID018572 Rev 7
19/94
STA350B, STA350BW
Electrical specifications
94
Figure 3. Test circuit
XTALK
Crosstalk
FFX stereo mode,
<5 kHz
One channel driven
at 1 W
Other channel
measured
80
dB
PSRR
Power Supply Rejection Ratio
FFX stereo mode,
<5 kHz
VRipple01V RMS
Audio input = dither
only
80
dB
η
Peak efficiency, FFX mode
Po = 2 x 25 W
into 8
Ω
90
%
Peak efficiency, binary modes
Po = 2 x 10W into
4
Ω + 1 x 20W into
8
Ω
86
1.
Refer to Figure 3: Test circuit.
2.
Limit current if the register (OCRB Section 8.3.3) overcurrent warning detect adjustment bypass is enabled. When disabled
refer to the Isc.
Table 6. Electrical specifications - power section (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tr
tf
VC C
0.9*V C C
VC C /2
0.1* V C C
t
OUT x Y
+V C C
D u ty cycle = 50%
IN x Y
MP
MN
OUT x Y
GND
vdc = V C C /2
R= 8
Ω
+
-
Low cu rre n t de ad tim e = M A X (tr,tf)
tr
tf
VC C
0.9*V C C
VC C /2
0.1* V C C
t
OUT x Y
+V C C
D u ty cycle = 50%
IN x Y
MP
MN
OUT x Y
GND
vdc = V C C /2
R= 8
Ω
+
-
Low cu rre n t de ad tim e = M A X (tr,tf)
AM045169v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com