Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 25Page - STMicroelectronics STA350B Datasheet HTML 26Page - STMicroelectronics STA350B Datasheet HTML 27Page - STMicroelectronics STA350B Datasheet HTML 28Page - STMicroelectronics STA350B Datasheet HTML 29Page - STMicroelectronics STA350B Datasheet HTML 30Page - STMicroelectronics STA350B Datasheet HTML 31Page - STMicroelectronics STA350B Datasheet HTML 32Page - STMicroelectronics STA350B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
DocID018572 Rev 7
29/94
STA350B, STA350BW
Processing data paths
94
6
Processing data paths
Figure 19 and 20 illustrate the data processing paths inside the STA350Bx.
The whole processing chain is composed of two consecutive sections. In the first one dual-
channel processing is implemented, as described below, and then each channel is fed into
the post-mixing block by generating either a third channel (typically used in 2.1 output
configuration and with crossover filters enabled) or having the channels processed by the
dual-band DRC block (2.0 output configuration with crossover filters used to define the
cutoff frequency of the two bands).
The first section begins with a 2x oversampling FIR filter allowing for 2*Fs audio processing.
Then a selectable high-pass filter removes the DC level (enabled if HFB=0).
The channel 1 and 2 processing chain can include up to 8 filters, depending on the selected
configuration (bits BQL, BQ5, BQ6, BQ7 and XO[3:0]).
By default 4 independent filters per channel are enabled, plus the pre-configured De-
Emphasis, Bass and Treble controls (BQL=0, BQ5=0, BQ6=0, BQ7=0).
If the coefficient sets are linked (BQL=1) it’s then possible to use De-Emphasis, Bass and
Treble filter in a user-defined configuration (provided the relevant BQx bits are set). In other
words both channels use the same processing coefficients and can have up to 7 filters each.
Note that if BQL=0 the BQx bits are ignored and the 5th, 6th and 7th filters are configured as,
respectively, De-Emphasis, Bass and Treble controls.
Moreover the common 8th filter, from the subsequent processing section, can be available
on both channels (provided the pre-defined crossover frequencies are not used, XO[3:0]=0,
and the dual-band DRC is not used).
In the second section mixing and crossover filters are available. If B2DRC is not enabled
(Figure 20), they are fully user-programmable and allow generating a third channel (2.1
outputs). Alternatively, in B2DRC mode, those blocks are used to split the sub-band and
define the cutoff frequencies of the two bands. A prescaler and a final post scaler allow full
control over the signal dynamic respectively before and after the filtering stages. A mixer
function is also available.
Figure 19. Left and right processing - part 1
From
I2S input
interface
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User Defined Filters
If DSPB=0 and C1EQBP=0
x2
FIR
over
L
Sampling
frequency=Fs
Sampling
frequency=2xFs
From
I2S input
interface
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
L
Sampling
frequency=Fs
Sampling
frequency=2xFs
Bass
Treble
If C1TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
If HPB=0
User Defined Filters
If DSPB=0 and C2EQBP=0
x2
FIR
over
L
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-Emph.
If DEMP=0
x2
FIR
over
sampling
R
Bass
Treble
If C2TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7
If BQ5=1
and BQL=1
Biquad
#5
If BQ6=1
and BQL=1
Biquad
#6
IF BQ7=1
and BQL=1
Biquad
#7
AM045181v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com