Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 20Page - STMicroelectronics STA350B Datasheet HTML 21Page - STMicroelectronics STA350B Datasheet HTML 22Page - STMicroelectronics STA350B Datasheet HTML 23Page - STMicroelectronics STA350B Datasheet HTML 24Page - STMicroelectronics STA350B Datasheet HTML 25Page - STMicroelectronics STA350B Datasheet HTML 26Page - STMicroelectronics STA350B Datasheet HTML 27Page - STMicroelectronics STA350B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
Characterization curves
STA350B, STA350BW
24/94
DocID018572 Rev 7
Figure 10. Output power vs. VCC (load = 6 Ω)
Figure 11. Output power vs. VCC (load = 8 Ω)
5
60
10
15
20
25
30
35
40
45
50
55
W
+6
+26
+8
+10
+12
+14
+16
+18
+20
+22
+24
Vdc
THD = 10%
THD = 1%
Load= 6 Ω,
Freq=1KHz
AM045173v1
5
50
10
15
20
25
30
35
40
45
W
+6
+26
+8
+10
+12
+14
+16
+18
+20
+22
+24
Vdc
Load= 8 Ω,
Freq=1KHz
THD = 10%
THD = 1%
AM045174v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com