Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 27Page - STMicroelectronics STA350B Datasheet HTML 28Page - STMicroelectronics STA350B Datasheet HTML 29Page - STMicroelectronics STA350B Datasheet HTML 30Page - STMicroelectronics STA350B Datasheet HTML 31Page - STMicroelectronics STA350B Datasheet HTML 32Page - STMicroelectronics STA350B Datasheet HTML 33Page - STMicroelectronics STA350B Datasheet HTML 34Page - STMicroelectronics STA350B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
DocID018572 Rev 7
31/94
STA350B, STA350BW
I2C bus specification
94
7
I2C bus specification
The STA350Bx supports the I2C protocol via the input ports SCL and SDA_IN (master to
slave) and the output port SDA_OUT (slave to master). This protocol defines any device
that sends data to the bus as a transmitter and any device that reads the data as a receiver.
The device that controls the data transfer is known as the master and the other as the slave.
The master always starts the transfer and provides data to the serial clock for
synchronization. The STA350Bx is always a slave device in all of its communications. It
supports up to 400 kb/s rate (fast-mode bit rate). The STA350Bx I2C is a slave-only
interface. The I2C interface works properly only in the case that the master clock generated
by the PLL has a frequency 10 times higher compared to the frequency of the applied SCL
signal.
7.1
Communication protocol
7.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. An SDA
transition while the clock is high is used to identify a START or STOP condition.
7.1.2
Start condition
START is identified by a high-to-low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
7.1.3
Stop condition
STOP is identified by a low-to-high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
the STA350Bx and the bus master.
7.1.4
Data input
During data input the STA350Bx samples the SDA signal on the rising edge of clock SCL.
For correct device operation the SDA signal must be stable during the rising edge of the
clock and the data can change only when the SCL line is low.
7.2
Device addressing
To start communication between the master and the STA350Bx, the master must initiate a
start condition. Following this, the master sends 8 bits (MSB first) corresponding to the
device select address and read or write mode to the SDA line.
The seven most significant bits are the device address identifiers, corresponding to the I2C
bus definition. In the STA350Bx the I2C interface has two device addresses depending on
the SA port configuration, 0x38 when SA = 0, and 0x3A when SA = 1.
The eighth bit (LSB) identifies the read or write operation RW, this bit is set to 1 in read
mode and to 0 for write mode. After a START condition the STA350Bx identifies on the bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com